Part Number Hot Search : 
AT45DB16 MJ2955 MBR2020 U16D05C 32403 LTC36 LQ150X 25L16PA
Product Description
Full Text Search
 

To Download 0010101111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0010101111 Active
kk 5.08mm (.200") Pitch KK(R) PC Board Connector, Right Angle Mount Style A, 1.0m (40") Tin (Sn), 11 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-99020-0087 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Overview Product Name PCB Receptacles 3002 Board-to-Board kk KK(R)
Physical
Circuits (Loaded) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Temperature Range - Operating Termination Interface: Style 11 Natural 25 94V-2 No Phosphor Bronze Tin Tin Nylon 1 Right Angle 0.169 In 4.30 mm No Yes 0.062 In 1.60 mm Tray 0.200 In 5.08 mm 40.00 1.000 40.00 1.00 Yes 0C to +75C Through Hole
Search Parts in this Series 3002Series Mates With 3003 , 2599 , 3008
Electrical
Current - Maximum per Contact Voltage - Maximum 7A 250V
Solder Process Data
Lead-free Process Capability Wave Capable (TH only)
Material Info
Old Part Number 300211A
Reference - Drawing Numbers
Product Specification Sales Drawing PS-99020-0087 SDAE-3002-NA-*
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0010101111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X